Part Number Hot Search : 
0CNQ0 M13252DH ITS410 46V32M16 FJV4105R DTB543EE W78L54 5C253
Product Description
Full Text Search
 

To Download P4500EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thyristor surge suppressors (tss) revision september 25, 2013 1 / 5 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. p0080ec - p5000ec series - to-92 @10/700 s, 6kv socay electronics co., ltd. www.socay.com p0080ec - p5000ec series are designed to protect broadband equipment such as modems, line card, cpe and dsl from damaging over-voltage transients. the series provides a surface mount solution that enables equipment to comply with global regulatory standards. u low voltage overshoot u low on-state voltage u does not degrade surge capability after multiple surge events within limit u fails short circuit when surged in excess of ratings u low capacitance u tia-968-a / tia-968-b u itu k.20/21 enhanced level u itu k.20/21 basic level u gr 1089 inter building u gr 1089 inter building u iec 6100-4-5 u yd/t 1082 u yd/t 993 u yd/t 950 parameter definition i s switching current - maximum current required to switch to on state i drm leakage current - maximum peak off-state current measured at vdrm i h holding current - minimum current required to maintain on state i t on-state current - maximum rated continuous on-state current v s switching voltage - maximum voltage prior to switching to on stat v drm peak off-state voltage - maximum voltage that can be applied while maintaining off state v t on-state voltage - maximum voltage measured at rated on-state current c 0 off-state capacitance - typical capacitance measured in off state i t i s i h i drm v t v drm v s + i - i - v +v pin1 pin 3 description features and benefits applicable global standards electrical parameters pinout designation schematic symbol
thyristor surge suppressors (tss) revision september 25, 2013 2 / 5 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. p0080ec - p5000ec series - to-92 @10/700 s, 6kv socay electronics co., ltd. www.socay.com v drm @i drm =5 a v s @100v/ s v t @i t =2.2a i s i t i h c 0 @1mhz part number marking v min v max v max ma max a max ma min pf min pf max p0080ec p0080ec 6 25 4 800 2.2 50 25 150 p0300ec p0300ec 25 40 4 800 2.2 50 15 140 p0640ec p0640ec 58 77 4 800 2.2 150 40 60 p0720ec p0720ec 65 88 4 800 2.2 150 35 60 p0900ec p0900ec 75 98 4 800 2.2 150 25 55 p1100ec p1100ec 90 130 4 800 2.2 150 30 50 p1300ec p1300ec 120 160 4 800 2.2 150 25 45 p1500ec p1500ec 140 180 4 800 2.2 150 25 40 p1800ec p1800ec 170 220 4 800 2.2 150 25 35 p2000ec p2000ec 180 220 4 800 2.2 150 20 35 p2300ec p2300ec 190 260 4 800 2.2 150 25 35 p2600ec p2600ec 220 300 4 800 2.2 150 20 35 p3100ec p3100ec 275 350 4 800 2.2 150 20 35 p3500ec p3500ec 320 400 4 800 2.2 150 20 35 p4000ec p4000ec 360 460 4 800 2.2 150 20 35 P4500EC P4500EC 400 540 4 800 2.2 150 20 35 p5000ec p5000ec 440 600 4 800 2.2 150 20 35 notes: - absolute maximum ratings measured at t a = 25 o c (unless otherwise noted). - devices are bi-directional. 2/10 s 1 8/20 s 1 10/160 s 1 10/560 s 1 10/1000 s 1 5/310 s 1 2/10 s 2 1.2/50 s 2 10/160 s 2 10/560 s 2 10/1000 s 2 10/700 s 2 i tsm 50/60 hz di/dt series a min a min a min a min a min a min a min amps/ s max c 500 400 200 150 100 150 50 500 notes: 1. current waveform in s 2. voltage waveform in s - peak pulse current rating (i pp ) is repetitive and guaranteed for the life of the product. - i pp ratings applicable over temperature range of -40 o c to +85 o c - the device must initially be in thermal equilibrium with -40 c < t j < +150 c package symbol parameter value unit t j operating junction temperature range - 40 to + 150 c t s storage temperature range - 40 to +150 c r ja thermal resistance: junction to ambient 90 c/w electrical characteristics surge ratings to - 92 thermal considerations
thyristor surge suppressors (tss) revision september 25, 2013 3 / 5 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. p0080ec - p5000ec series - to-92 @10/700 s, 6kv socay electronics co., ltd. www.socay.com peak value waveform=t r t d t r =rise time to peak value t d =decay time to half value half value 100 5 0 5 0 t r t d 0 t C time ( s) i pp C peak pulse current - % i pp -40 -20 0 20 40 60 80 100 120 140 160 junction temperature (t j ) - 14 12 10 8 6 4 2 9 -4 -6 -8 percent of v s change - % 25 - 40 - 20 0 20 40 60 80 100 120 140 160 case temperature (tc) - 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 25 ration of i h i h (t c =25 ) i t i s i h i drm v t v drm v s + i - i - v +v characteristic curves figure 1 - v - i characteristics figure 3 - normalized v s change versus junction temperature figure 2 - t r t d pulse waveform figure 4 - normalized dc holding current versus case temperature
thyristor surge suppressors (tss) revision september 25, 2013 4 / 5 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. p0080ec - p5000ec series - to-92 @10/700 s, 6kv socay electronics co., ltd. www.socay.com lead material copper alloy high temp voltage blocking 80% rated vdrm (vac peak ) +125 c or +150 c, lead material copper alloy high temp voltage blocking 504 or 1008 hrs. mil-std-750 (method 1040) jedec, jesd22-a-101 terminal finish 100% matte-tin plated body material ul recognized epoxy meeting flammability classification 94v-0 temp cycling - 65 c to +150 c, 15 min. dwell, 10 up to 100 cycles. mil-std-750 (method 1051) eia/jedec, jesd22-a104 biased temp & humidity 52 vdc (+85 c) 85%rh, 504 up to 1008 hrs. eia/ jedec, jesd22-a-101 high temp storage +150 c 1008 hrs. mil-std-750 (method 1031) jedec, jesd22-a-101 low temp storage -65 c, 1008 hrs. thermal shock 0 c to +100 c, 5 min. dwell, 10 sec. transfer, thermal shock 10 cycles. mil-std-750 (method 1056) jedec, jesd22-a-106 autoclave (pressure cooker test) +121 c, 100%rh, 2atm, 24 up to 168 hrs. eia/cooker test) jedec, jesd22-a-102 resistance to solder heat +260 c, 30 secs. mil-std-750 (method 2031 moisture sensitivity level 85%rh, +85 c, 168 hrs., 3 reflow cycles level (+260 c peak). jedec-j-std-020, level 1 reflow condition lead C free assembly -temperature min (t s(min) ) +150 c -temperature max (t s(max) ) +200 c pre heat -time (min to max) (t s ) 60 -180 seconds average ramp up rate ( liquidus temp t l ) to peak 3 c/second max t s(max) to t l - ramp-up rate 3 c/second max - temperature (t l ) (liquidus) +217 c reflow - time (min to max) (t s ) 60 -150 seconds peak temperature (t p ) 260 +0/-5 c time within 5 c of actual peak temperature (t p ) 30 seconds max ramp-down rate 6 c/second max time 25 c to peak temperature (t p ) 8 minutes max do not exceed +260 c ramp-down preheat critical zone t l to t p time to peak temperature (t 25 to peak) t p t l t s(max) t s(min) 25 temperature ramp-up time soldering parameters environmental specifications physical specifications
thyristor surge suppressors (tss) revision september 25, 2013 5 / 5 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. p0080ec - p5000ec series - to-92 @10/700 s, 6kv socay electronics co., ltd. www.socay.com inches millimeters dimensions min max min max a 0.176 0.196 4.47 4.98 b 0.500 12.70 d 0.095 0.105 2.41 2.67 e 0.150 3.81 g 0.135 0.145 3.43 3.68 h 0.088 0.096 2.23 2.44 j 0.176 0.186 4.47 4.73 k 0.088 0.096 2.23 2.44 l 0.013 0.019 0.33 0.48 m 0.013 0.017 0.33 0.43 n 0.060 1.52 the to-92 is designed to meet mechanical standards as set forth in jedec publication number 95. all leads are insulated from case. case is electrically non-conductive. (rated at 1600 v (ac) rms for one minute from leads to case over the operating temperature range.) mold ? ash shall not exceed 0.13 mm per side. part number description quantity pxxx0ec to-92 bulk pack 1000 part numbering part marking mt1/pin1 mt2/pin3 dimensions t o - 92 packaging date code part marking code (refer to electrical characteristics table) pxxxxe c


▲Up To Search▲   

 
Price & Availability of P4500EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X